công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI4MSD5V9542ALEX bảng dữ liệu(PDF) 7 Page - Pericom Semiconductor Corporation

tên linh kiện PI4MSD5V9542ALEX
Giải thích chi tiết về linh kiện  2 Channel I2Cbus Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9542ALEX bảng dữ liệu(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI4MSD5V9542ALEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4MSD5V9542ALEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4MSD5V9542ALEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9542ALEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9542ALEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9542ALEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9542ALEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4MSD5V9542ALEX Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4MSD5V9542ALEX Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0033
PT0523-4
8/18/15
7
PI4MSD5V9542A
2 Channel I2C bus Multiplexer
with Interrupt Logic
Device addressing
Following a START condition the bus master must output the address of the slave it is accessing. The address of
the PI4MSD5V9542A is shown in Figure 4.
To conserve power, no internal pull-up resistors are incorporated on the hardware selectable address pins and they
must be pulled HIGH or LOW.
The last bit of the slave address defines the operation to be performed. When set to logic 1 a read is selected, while
a logic 0 selects a write operation.
Figure 4:Device address
Control register
Following the successful acknowledgement of the slave address, the bus master will send a byte to the
PI4MSD5V9542A which will be stored in the control register. If multiple bytes are received by the PI4MSD5V9542A,
it will save the last byte received. This register can be written and read via the I2C-bus.
Figure 5: Control register
Control register definition
A SCx/SDx downstream pair, or channel, is selected by the contents of the control register. This register is written
after the PI4MSD5V9542A has been addressed. The 3 LSBs of the control byte are used to determine which channel is
to be selected. When a channel is selected, it will become active after a STOP condition has been placed on the I2C-
bus. This ensures that all SCx/SDx lines will be in a HIGH state when the channel is made active, so that no false
conditions are generated at the time of connection.
Bits INT0/, INT1/, D6 and D7 are all writable, but will read the chip status. INT0/ and INT1/ indicate the state of
the corresponding interrupt input. D7 and D6 always read 0.
D7
D6
INT1
INT0
D3
B2
B1
B0
Command
X
X
X
X
X
0
X
X
no channel selected
X
X
X
X
X
1
0
0
channel 0 enabled
X
X
X
X
X
1
0
1
channel 1 enabled
X
X
X
X
X
1
1
X
no channel selected
0
0
0
0
0
0
0
0
no channel selected;
power-up default state
Control register: Write—channel selection; Read—channel status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com