| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI4IOE5V9539LE bảng dữ liệu(PDF) 17 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI4IOE5V9539LE bảng dữ liệu(HTML) 17 Page - Pericom Semiconductor Corporation |
|
17 / 17 page ![]() |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||| 2016-01-0019 PT0549-3 02/15/16 17 PI4IOE5V9539 16-bit I 2C-bus and SMBus low power I/O port with interrupt and reset TQFN 4x4-24(ZD) Ordering Information Part No. Package Code Package PI4IOE5V9539LE L Lead free and Green 24-pin TSSOP24 (173mil wide), Tape & Reel PI4IOE5V9539LEX L Lead free and Green 24-pin TSSOP24 (173mil wide) PI4IOE5V9539ZDEX ZD Lead free and Green 24-pin TQFN4.0x4.0, Tape & Reel Note: E = Pb-free and Green Adding X Suffix= Tape/Reel Pericom Semiconductor Corporation 1-800-435-2336 www.pericom.com Pericom reserves the right to make changes to its products or specifications at any time, without notice, in order to improve design or performance and to supply the best possible product. Pericom does not assume any responsibility for use of any circuitry described other than the circuitry embodied in Pericom product. The company makes no representations that circuitry described herein is free from patent infringement or other rights, of Pericom. |