công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMF100 bảng dữ liệu(PDF) 16 Page - Texas Instruments

tên linh kiện LMF100
Giải thích chi tiết về linh kiện  Dual High-Performance Switched Capacitor Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMF100 bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button LMF100 Datasheet HTML 12Page - Texas Instruments LMF100 Datasheet HTML 13Page - Texas Instruments LMF100 Datasheet HTML 14Page - Texas Instruments LMF100 Datasheet HTML 15Page - Texas Instruments LMF100 Datasheet HTML 16Page - Texas Instruments LMF100 Datasheet HTML 17Page - Texas Instruments LMF100 Datasheet HTML 18Page - Texas Instruments LMF100 Datasheet HTML 19Page - Texas Instruments LMF100 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Not Recommended for New Designs
LMF100
SNOSBG9B – JULY 1999 – REVISED JUNE 2015
www.ti.com
8 Detailed Description
8.1 Overview
The LMF100 device contains two general-purpose, very high-performance switched capacitor filters that are cost-
effective and space-saving. It enables designers to implement all the classical filters up to fourth-order biquad
with one chip. This switched capacitor filters can be used in a broad range of industrial and consumer application
such as audio, communication, instrumentation, medical, telemetry, etc. It can be directly cascaded to implement
higher order filters,
8.2 Functional Block Diagram
8.3 Feature Description
The LMF100 is an all CMOS switched capacitor filter device that consists of two filters capable of wide supply
range from 4 V to 15 V. It features much higher performance than the pin-compatible MF10 device with operation
frequency to 100 kHz, which is 3X broader, and fo x Q range to 1.8 MHz which is 9X higher. Furthermore, it has
pins that also function to configure filter modes of operation, level shifting, clock to filter center frequency setting,
and power rail selections enabling flexibility and ease of programming.
8.4 Device Functional Modes
8.4.1 Modes of Operation
The LMF100 is a switched capacitor (sampled data) filter. To fully describe its transfer functions, a time domain
analysis is appropriate. Because this is cumbersome, and because the LMF100 closely approximates continuous
filters, the following discussion is based on the well-known frequency domain. Each LMF100 can produce two full
second-order functions. See Table 1 for a summary of the characteristics of the various modes.
16
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LMF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com