công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SED1521 bảng dữ liệu(PDF) 26 Page - List of Unclassifed Manufacturers

tên linh kiện SED1521
Giải thích chi tiết về linh kiện  DOT MATRIX LCD DRIVER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

SED1521 bảng dữ liệu(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button SED1521 Datasheet HTML 22Page - List of Unclassifed Manufacturers SED1521 Datasheet HTML 23Page - List of Unclassifed Manufacturers SED1521 Datasheet HTML 24Page - List of Unclassifed Manufacturers SED1521 Datasheet HTML 25Page - List of Unclassifed Manufacturers SED1521 Datasheet HTML 26Page - List of Unclassifed Manufacturers SED1521 Datasheet HTML 27Page - List of Unclassifed Manufacturers SED1521 Datasheet HTML 28Page - List of Unclassifed Manufacturers SED1521 Datasheet HTML 29Page - List of Unclassifed Manufacturers SED1521 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
4.7 – 4.9
4.0 Commands
S-MOS Systems, Inc. • 150 River Oaks Parkway • San Jose, CA 95134 • Tel: (408) 922-0200 • Fax: (408) 922-0238
371-1.0
26
4.7
READ DISPLAY DATA
This command allows the MPU to read 8 bits of data from the display data RAM location specified
by a column address and a page address. Once the data is read, the column address is automat-
ically incremented by 1; this enables the MPU to read multi-word data continuously.
A dummy read is needed immediately after the column address is set. For details, see 3. (1)–(c).
??
4.8
SELECT ADC
This command inverts the relation of assignment between display data RAM column addresses
and segment driver outputs. In other words, the Select ADC command can software-invert the or-
der of segment driver output pins, reducing the restrictions on the configuration of ICs at LCD mod-
ule assembly. For details, see Fig. 2.3.8.1.
Incrementing the column address by 1, which takes place after the MPU writing or reading display
data, follows the sequence of column addresses specified in Fig. 2.3.8.1.
D = 0:
Clockwise output (forward)
D = 1:
Counterclockwise output (reverse)
4.9
STATIC DRIVE ON/OFF
This command forces all display to be on and, at the same time, all common output to be selected.
D = 0:
Static drive off
D = 1:
Static drive on
R/W
A0
RD WR D7
D0
1
0
1
Read data
A0
RD WR D7
D0
0101010000
D
R/W
A0
RD WR D7
D0
0101010010
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com