công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7301IM5/NOPB bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM7301IM5/NOPB
Giải thích chi tiết về linh kiện  LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM7301IM5/NOPB bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM7301IM5/NOPB Datasheet HTML 1Page - Texas Instruments LM7301IM5/NOPB Datasheet HTML 2Page - Texas Instruments LM7301IM5/NOPB Datasheet HTML 3Page - Texas Instruments LM7301IM5/NOPB Datasheet HTML 4Page - Texas Instruments LM7301IM5/NOPB Datasheet HTML 5Page - Texas Instruments LM7301IM5/NOPB Datasheet HTML 6Page - Texas Instruments LM7301IM5/NOPB Datasheet HTML 7Page - Texas Instruments LM7301IM5/NOPB Datasheet HTML 8Page - Texas Instruments LM7301IM5/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LM7301
SNOS879I – AUGUST 1999 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM7301
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics: 5-V DC............................. 5
6.6
Electrical Characteristics: AC.................................... 6
6.7
Electrical Characteristics: 2.2-V DC.......................... 6
6.8
Electrical Characteristics: 30-V DC........................... 7
6.9
Typical Characteristics .............................................. 9
7
Detailed Description ............................................ 12
7.1
Overview ................................................................. 12
7.2
Feature Description................................................. 12
7.3
Device Functional Modes........................................ 14
8
Applications and Implementation ...................... 16
8.1
Application Information............................................ 16
8.2
Typical Applications ................................................ 16
9
Power Supply Recommendations ...................... 19
10
Layout................................................................... 19
10.1
Layout Guidelines ................................................. 19
10.2
Layout Example .................................................... 19
11
Device and Documentation Support ................. 20
11.1
Community Resource............................................ 20
11.2
Trademarks ........................................................... 20
11.3
Electrostatic Discharge Caution ............................ 20
11.4
Glossary ................................................................ 20
12
Mechanical, Packaging, and Orderable
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (March 2013) to Revision I
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
•
Changed 58°C to 42°C in Power Dissipation ....................................................................................................................... 15
•
Changed 113°C to 59°C in Power Dissipation ..................................................................................................................... 15
•
Changed 29°C to 21°C in Power Dissipation ....................................................................................................................... 15
•
Changed 57°C to 30°C in Power Dissipation ....................................................................................................................... 15
Changes from Revision G (March 2013) to Revision H
Page
•
Changed layout of National Semiconductor Data Sheet to TI format .................................................................................. 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com