công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMC6041IM/NOPB bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMC6041IM/NOPB
Giải thích chi tiết về linh kiện  CMOS Single Micropower Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6041IM/NOPB bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LMC6041IM/NOPB Datasheet HTML 1Page - Texas Instruments LMC6041IM/NOPB Datasheet HTML 2Page - Texas Instruments LMC6041IM/NOPB Datasheet HTML 3Page - Texas Instruments LMC6041IM/NOPB Datasheet HTML 4Page - Texas Instruments LMC6041IM/NOPB Datasheet HTML 5Page - Texas Instruments LMC6041IM/NOPB Datasheet HTML 6Page - Texas Instruments LMC6041IM/NOPB Datasheet HTML 7Page - Texas Instruments LMC6041IM/NOPB Datasheet HTML 8Page - Texas Instruments LMC6041IM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LMC6041
SNOS610E – DECEMBER 1994 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Differential Input Voltage
±Supply Voltage
Supply Voltage (V+
− V−)
16V
Output Short Circuit to V−
See(3)
Output Short Circuit to V+
See(4)
Lead Temperature
(Soldering, 10 sec.)
260°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
110°C
ESD Tolerance(5)
500V
Current at Input Pin
±5 mA
Current at Output Pin
±18 mA
Current at Power Supply Pin
35 mA
Voltage at Input/Output Pin
(V+) + 0.3V, (V−)
− 0.3V
Power Dissipation
See(6)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating conditions indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 110°C. Output currents in excess of ±30 mA over long term may adversely
affect reliability.
(4)
Do not connect output to V+ when V+ is greater than 13V or reliability may be adversely affected.
(5)
Human body model, 1.5 k
Ω in series with 100 pF.
(6)
The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) − TA)/θJA.
Operating Ratings
Temperature Range
LMC6041AI, LMC6041I
−40°C ≤ TJ ≤ +85°C
Supply Voltage
4.5V
≤ V+ ≤ 15.5V
Power Dissipation
See(1)
Thermal Resistance (
θJA)
(2)
8-Pin PDIP package
101°C/W
8-Pin SOIC package
165°C/W
(1)
For operating at elevated temperatures the device must be derated based on the thermal resistance
θJA with PD = (TJ − TA)/θJA.
(2)
All numbers apply for packages soldered directly into a PC board.
2
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com