công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMC6032IM/NOPB bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMC6032IM/NOPB
Giải thích chi tiết về linh kiện  CMOS Dual Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6032IM/NOPB bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button LMC6032IM/NOPB Datasheet HTML 9Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 10Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 11Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 12Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 13Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 14Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 15Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 16Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LMC6032
www.ti.com
SNOS609C – NOVEMBER 1994 – REVISED MARCH 2013
Figure 23. Howland Current Pump Guard Ring Connections
The designer should be aware that when it is inappropriate to lay out a PC board for the sake of just a few
circuits, there is another technique which is even better than a guard ring on a PC board: Don't insert the
amplifier's input pin into the board at all, but bend it up in the air and use only air as an insulator. Air is an
excellent insulator. In this case you may have to forego some of the advantages of PC board construction, but
the advantages are sometimes well worth the effort of using point-to-point up-in-the-air wiring. See Figure 24.
Input pins are lifted out of PC board and soldered directly to components. All other pins connected to PC board.
Figure 24. Air Wiring
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMC6032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25