công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC125ADRG3 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74LVC125ADRG3
Giải thích chi tiết về linh kiện  SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC125ADRG3 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button SN74LVC125ADRG3 Datasheet HTML 5Page - Texas Instruments SN74LVC125ADRG3 Datasheet HTML 6Page - Texas Instruments SN74LVC125ADRG3 Datasheet HTML 7Page - Texas Instruments SN74LVC125ADRG3 Datasheet HTML 8Page - Texas Instruments SN74LVC125ADRG3 Datasheet HTML 9Page - Texas Instruments SN74LVC125ADRG3 Datasheet HTML 10Page - Texas Instruments SN74LVC125ADRG3 Datasheet HTML 11Page - Texas Instruments SN74LVC125ADRG3 Datasheet HTML 12Page - Texas Instruments SN74LVC125ADRG3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
2A
2Y
2OE
1A
1Y
1OE
4A
4Y
4OE
3A
3Y
3OE
SN74LVC125A
www.ti.com
SCAS290Q – JANUARY 1993 – REVISED JANUARY 2015
9 Detailed Description
9.1 Overview
The SN74LVC125A device is a quadruple bus buffer gate featuring independent line drivers with 3-state outputs.
Each output is disabled when the associated output-enable (OE) input is high. When OE is low, the respective
gate passes the data from the A input to its Y output. To ensure the high-impedance state during power up or
power down, OE should be tied to VCC through a pull-up resistor; the minimum value of the resistor is determined
by the current-sourcing capability of the driver.
9.2 Functional Block Diagram
9.3 Feature Description
•
Wide operating voltage range
–
Operates from 1.65 V to 5.5 V
•
Allows down voltage translation
•
Inputs accept voltages to 5.5 V
9.4 Device Functional Modes
Table 1. Function Table
INPUTS
OUTPUT
Y
OE
A
L
H
H
L
L
L
H
X
Z
Copyright © 1993–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LVC125A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com