| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN54LS92 bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN54LS92 bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 24 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN74LS90DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS90 SN74LS90DRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS90 SN74LS90N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS90N SN74LS90NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS90N SN74LS92D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS92 SN74LS92DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS92 SN74LS92N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS92N SN74LS92N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74LS92NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS92N SN74LS92NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS92 SN74LS93D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS93 SN74LS93DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS93 SN74LS93N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS93N SN74LS93N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74LS93NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS93N SNJ5490AJ OBSOLETE CDIP J 14 TBD Call TI Call TI -55 to 125 SNJ5490AW OBSOLETE CFP W 14 TBD Call TI Call TI -55 to 125 SNJ5492AJ OBSOLETE CDIP J 14 TBD Call TI Call TI -55 to 125 SNJ5492AW OBSOLETE CFP W 14 TBD Call TI Call TI -55 to 125 SNJ54LS90J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 7603201CA SNJ54LS90J SNJ54LS93J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 7700101CA |