| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM809 bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM809 bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 18 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 3-Nov-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM809M3-2.63 NRND SOT-23 DBZ 3 1000 TBD Call TI Call TI -40 to 105 S3B LM809M3-2.63/NOPB ACTIVE SOT-23 DBZ 3 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 105 S3B LM809M3-2.93 NRND SOT-23 DBZ 3 1000 TBD Call TI Call TI -40 to 105 S4B LM809M3-2.93/NOPB ACTIVE SOT-23 DBZ 3 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 105 S4B LM809M3-3.08 NRND SOT-23 DBZ 3 1000 TBD Call TI Call TI -40 to 105 S5B LM809M3-3.08/NOPB ACTIVE SOT-23 DBZ 3 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 105 S5B LM809M3-4.38/NOPB ACTIVE SOT-23 DBZ 3 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 105 S7B LM809M3-4.63/NOPB ACTIVE SOT-23 DBZ 3 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 105 S8B LM809M3X-2.63/NOPB ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 105 S3B LM809M3X-2.93/NOPB ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 105 S4B LM809M3X-3.08/NOPB ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 105 S5B LM809M3X-4.38/NOPB ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM S7B LM809M3X-4.63/NOPB ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 105 S8B LM810M3-4.63 NRND SOT-23 DBZ 3 1000 TBD Call TI Call TI -40 to 105 SEB LM810M3-4.63/NOPB ACTIVE SOT-23 DBZ 3 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 105 SEB LM810M3X-4.63/NOPB ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 105 SEB (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |