công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC2104 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện LPC2104
Giải thích chi tiết về linh kiện  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2104 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button LPC2104 Datasheet HTML 5Page - NXP Semiconductors LPC2104 Datasheet HTML 6Page - NXP Semiconductors LPC2104 Datasheet HTML 7Page - NXP Semiconductors LPC2104 Datasheet HTML 8Page - NXP Semiconductors LPC2104 Datasheet HTML 9Page - NXP Semiconductors LPC2104 Datasheet HTML 10Page - NXP Semiconductors LPC2104 Datasheet HTML 11Page - NXP Semiconductors LPC2104 Datasheet HTML 12Page - NXP Semiconductors LPC2104 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Philips Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
Product data
Rev. 04 — 05 February 2004
9 of 32
9397 750 12792
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.4 Memory map
The LPC2104, LPC2105 and LPC2106 memory maps incorporate several distinct
regions, as shown in the following figures.
In addition, the CPU interrupt vectors may be re-mapped to allow them to reside in
either Flash memory (the default) or on-chip static RAM. This is described in Section
6.17 “System control”.
Fig 3.
LPC2104 memory map.
AHB PERIPHERALS
VPB PERIPHERALS
RESERVED ADDRESS SPACE
BOOT BLOCK (RE-MAPPED FROM
ON-CHIP FLASH MEMORY
RESERVED ADDRESS SPACE
16 KBYTE ON-CHIP STATIC RAM
RESERVED ADDRESS SPACE
128 KBYTE ON-CHIP FLASH MEMORY
0xFFFF FFFF
0xF000 0000
0xEFFF FFFF
0xE000 0000
0xC000 0000
0xDFFF FFFF
0x8000 0000
0x7FFF FFFF
0x7FFF E000
0x7FFF DFFF
0x4001 0000
0x4000 3FFF
0x4000 0000
0x3FFF FFFF
0x0002 0000
0x0001 FFFF
0x0000 0000
4.0 GB
3.75 GB
3.5 GB
3.0 GB
2.0 GB
1.0 GB
0.0 GB
002aaa415



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32