công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPX1585 bảng dữ liệu(PDF) 4 Page - Exar Corporation

tên linh kiện SPX1585
Giải thích chi tiết về linh kiện  5A Low Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

SPX1585 bảng dữ liệu(HTML) 4 Page - Exar Corporation

  SPX1585 Datasheet HTML 1Page - Exar Corporation SPX1585 Datasheet HTML 2Page - Exar Corporation SPX1585 Datasheet HTML 3Page - Exar Corporation SPX1585 Datasheet HTML 4Page - Exar Corporation SPX1585 Datasheet HTML 5Page - Exar Corporation SPX1585 Datasheet HTML 6Page - Exar Corporation SPX1585 Datasheet HTML 7Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SPX1585
Basic Adjustable Regulator
Output Voltage
Consider Figure 2. The resistance R1generates a constant
current flow, normally the specified load current of 10mA. This
current will go through the resistance R2 to set the overall output
voltage. The current IADJ is very small and constant. Therefore
its contribution to the overall output voltage is very small and
can generally be ignored
.
Load Regulation
Parasitic line resistance can degrade load regulation. In order
not to affect the behavior of the regulator, it is best to connect
directly the R1 resistance from the resistor divider to the case,
and not to the load. For the same reason, it is best to connect
the resistor R2 to the Negative side of the load.
Output Voltage
The fixed voltage LDO voltage regulators are simple to use
regulators since the VOUT is preset to the specifications. It is
important, however, to provide the proper output capacitance
for stability and improvement. For most operating conditions a
capacitance of 22uF tantalum or 100uF electrolytic will ensure
stability and prevent oscillation.
SPX1585
Fig.2 Basic Adjustable Regulator
V
REF
R1
R
2
V
OUT = VREF * ( 1 + R2/R1) + IADJ * R2
I
ADJ
ADJ
V
IN
VOUT
50uA
SPX1585
Fig.3 Basic Adjustable Regulator
V
IN
R2
R1
Connect R 2 to Load
RL
Connect R 1 to
Case of Regulator
RP Parasitic Line
Resistance
V
OUT
ADJ
SPX1585
Basic Fixed Regulator
V
IN
V
OUT
5V
C1
10uF
C2
10uF
3.3V
4/7



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com