công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM1741E/2K bảng dữ liệu(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCM1741E/2K
Giải thích chi tiết về linh kiện  DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1741E/2K bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button PCM1741E/2K Datasheet HTML 14Page - Texas Instruments PCM1741E/2K Datasheet HTML 15Page - Texas Instruments PCM1741E/2K Datasheet HTML 16Page - Texas Instruments PCM1741E/2K Datasheet HTML 17Page - Texas Instruments PCM1741E/2K Datasheet HTML 18Page - Texas Instruments PCM1741E/2K Datasheet HTML 19Page - Texas Instruments PCM1741E/2K Datasheet HTML 20Page - Texas Instruments PCM1741E/2K Datasheet HTML 21Page - Texas Instruments PCM1741E/2K Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
PCM1741
18
SBAS175
FIGURE 14. 8-Level Delta-Sigma Modulator.
+
Z–1
8-Level Quantizer
+
Z–1
+
Z–1
–
+
Z–1
+
+
8f
S
64f
S
PCM1741
V
CC
V
DD
DGND
Output
Circuits
RF Choke or Ferrite Bead
Common
Ground
AGND
DIGITAL SECTION
ANALOG SECTION
V
DD
Power Supplies
+3.3V
+V
S
AGND
REG
–V
S
FIGURE 13. Single-Supply PCB Layout.
Separate power supplies are recommended for the digital
and analog sections of the board. This prevents the switching
noise present on the digital supply from contaminating the
analog power supply and degrading the dynamic perfor-
mance of the PCM1741. In cases where a common +3.3V
supply must be used for the analog and digital sections, an
inductance (RF choke, ferrite bead) should be placed be-
tween the analog and digital +3.3V supply connections to
avoid coupling of the digital switching noise into the analog
circuitry. Figure 13 shows the recommended approach for
single-supply applications.
THEORY OF OPERATION
The delta-sigma section of the PCM1741 is based on an
8-level amplitude quantizer and a fourth-order noise shaper. This
section converts the oversampled input data to 8-level delta-sigma
format. A block diagram of the 8-level delta-sigma modulator is
shown in Figure 14. This 8-level delta-sigma modulator has the
advantage of stability and clock jitter sensitivity over the typical
one-bit (2-level) delta-sigma modulator. The combined
oversampling rate of the delta-sigma modulator and the interpo-
lation filter is 64fS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com