công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM1737E/2K bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCM1737E/2K
Giải thích chi tiết về linh kiện  DIGITAL-TO-ANALOG CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1737E/2K bảng dữ liệu(HTML) 4 Page - Texas Instruments

  PCM1737E/2K Datasheet HTML 1Page - Texas Instruments PCM1737E/2K Datasheet HTML 2Page - Texas Instruments PCM1737E/2K Datasheet HTML 3Page - Texas Instruments PCM1737E/2K Datasheet HTML 4Page - Texas Instruments PCM1737E/2K Datasheet HTML 5Page - Texas Instruments PCM1737E/2K Datasheet HTML 6Page - Texas Instruments PCM1737E/2K Datasheet HTML 7Page - Texas Instruments PCM1737E/2K Datasheet HTML 8Page - Texas Instruments PCM1737E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
®
4
PCM1737
PIN CONFIGURATION
Top View
SSOP
PIN
NAME
I/O
DESCRIPTION
1
LRCK
I
Left/Right Word Clock(1)
2
DATA
I
Data In for Left/Right Channels(1)
3
BCLK
I
Bit Clock(1)
4
CLKO
O
System Clock Output
5
SCLK
I
System Clock Input(1)
6VSS
—
Digital Ground
7VDD
—
Digital Supply, +3.3V.
8
TEST1
I
Test Pin(2). Must be connected to
ground (VSS).
9
TEST2
I
Test Pin(2). Must be connected to
ground (VSS).
10
VCCR
—
Analog Supply for Right Channel, +5V
11
GNDR
—
Analog Ground for Right Channel
12
VCOMR
—
Common for Right Channel
13
VOUTR
O
Analog Output for Right Channel
14
GNDA
—
Analog Ground
15
VCCA
—
Analog Supply, +5V
16
VOUTL
O
Analog Output for Left Channel
17
VCOML
—
Common for Left Channel
18
GNDL
—
Analog Ground for Left Channel
19
VCCL
—
Analog Supply for Left Channel, +5V
20
NC
—
Not Connected
21
NC
—
Not Connected
22
RSTB
I
Reset, Active Low(2).
23
ZEROL
O
Zero Flag for Left Channel
24
ZEROR
O
Zero Flag for Right Channel
25
MDO
O
Mode Data Out(3)
26
MDI
I
Mode Data In(2)
27
MC
I
Mode Clock(2)
28
ML
I
Mode Latch(2)
NOTES: (1) Schmitt-Trigger input, 5V tolerant. (2) Schmitt-Trigger input with
internal pull-down, 5V tolerant. (3) Tri-state output.
PIN ASSIGNMENTS
BLOCK DIAGRAM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
LRCK
DATA
BCLK
CLKO
SCLK
V
SS
V
DD
TEST1
TEST2
V
CCR
GNDR
V
COMR
V
OUTR
GNDA
ML
MC
MDI
MDO
ZEROR
ZEROL
RSTB
NC
NC
V
CCL
GNDL
V
COML
V
OUTL
V
CCA
PCM1737E
Audio
Serial
I/F
DAC
PCM1737
4x/8x
Oversampling
Digital Filter
with
Function
Controller
Enhanced
Multi-level
Delta-Sigma
Modulator
Output Amp and
Low-Pass Filter
DAC
BCLK
LRCK
DATA
Mode
Control
I/F
System Clock
Manager
Zero Detect
Power Supply
TEST1
TEST2
RSTB
ML
MC
MDI
MDO
V
OUTL
V
COML
SCLK
System Clock
CLKO
Output Amp and
Low-Pass Filter
V
OUTR
V
COMR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com