| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC16550D bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PC16550D bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 33 page ![]() TL_C_8652 _ 12 TL_C_8652 _ 11 TL_C_8652 _ 10 PC16550D www.ti.com SNLS378C – JUNE 1995 – REVISED MAY 2015 All timings are referenced to valid 0 and valid 1. Figure 9. RCVR FIFO First Byte (This Sets RDR) Figure 10. RCVR FIFO Bytes Other Than the First Byte (RDR is Already Set) (1) This is the reading of the last byte in the FIFO. (2) If FCR0 = 1, then tSINT = 3 RCLKs. For a timeout interrupt, tSINT = 8 RCLKs. Figure 11. Receiver Ready (Pin 29) FCR0 = 0 or FCR0 = 1 and FCR3 = 0 (Mode 0) Copyright © 1995–2015, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Links: PC16550D |