| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STI5100-REF bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STI5100-REF bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 2 page ![]() STi5100 2/2 Features ■ Enhanced ST20 32-bit VL-RISC CPU ● 243 MHz, 8Kbyte ICache, 8Kbyte DCache, 4 Kbyte SRAM ■ Unified Memory Interface ■ Dual Transport Stream Merger ● Supports DVB and DIRECTV ● Integrated DES-ECB, DVB and ICAM descramblers ● NDS RASP compliant ● Low cost DVB-CI and Cable Card support ■ MPEG-2 MP@ML Video Decoder ● Trick modes including smooth fast forward and rewind ■ Audio ● MPEG-1 layers I/II, MP3 ● Dolby Digital decoding ● Dolby Pro Logic compatible output ● PCM input, mixing and sample rate conversion ● SRS/TruSurrondXT virtual surround sound ● Simultaneous MPEG audio decode and output of Dolby streams ■ Graphics/Display ● 4 display planes ● 2, 4 and 8 bpp CLUT graphics, 256 x 30 bits (AYCBCr) CLUT entries ● 16 bpp true color graphics ● Alpha blending, antialiasing, antiflutter, antiflicker filters ■ PAL/NTSC/SECAM encoder ● RGB, CVBS, Y/C and YUV outputs with 10-bit DACs ● CGMS, Teletext, WSS, VPS and close caption ■ On-Chip Peripherals ● 4 ASCs (UARTS) ● 4 parallel 8-bit I/O banks ● 2 smartcard interfaces and clock generators ● 3 SSCs for I²C/SPI master/slave interfaces ● Silicon Labs line side (DAA) interface ● High-speed USB OHCI/EHCI compliant host interface ● DiSEqC interface ■ Enhanced Security Ordering information Device number Description STi5100ZUA Basic STi5100 STi5100-Mboard Development platform STi5100-Ref Example STB design STi5100-STDVB STAPI drivers for DVB Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without the express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners © 2004 STMicroelectronics - All Rights Reserved STMicroelectronics Group of Companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy Japan - Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States www.st.com |