| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74AS623 bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74AS623 bảng dữ liệu(HTML) 10 Page - Texas Instruments |
|
10 / 19 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 10-Jun-2014 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN74ALS620ADW ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS620A SN74ALS620ADWG4 ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS620A SN74ALS620ADWR OBSOLETE SOIC DW 20 TBD Call TI Call TI 0 to 70 SN74ALS620AN ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74ALS620AN SN74ALS621A-1N ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74ALS621A-1N SN74ALS621ADW ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS621A SN74ALS621ADWG4 ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS621A SN74ALS621AN ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74ALS621AN SN74ALS621ANE4 ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74ALS621AN SN74ALS623A-1DW OBSOLETE SOIC DW 20 TBD Call TI Call TI 0 to 70 SN74ALS623A-1DWR OBSOLETE SOIC DW 20 TBD Call TI Call TI 0 to 70 SN74ALS623A-1N OBSOLETE PDIP N 20 TBD Call TI Call TI 0 to 70 SN74ALS623ADW ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS623A SN74ALS623AN ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74ALS623AN SN74ALS623AN3 OBSOLETE PDIP N 20 TBD Call TI Call TI 0 to 70 SN74ALS623ANSR ACTIVE SO NS 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS623A SN74AS623DW OBSOLETE SOIC DW 20 TBD Call TI Call TI 0 to 70 SN74AS623DWR OBSOLETE SOIC DW 20 TBD Call TI Call TI 0 to 70 SN74AS623N OBSOLETE PDIP N 20 TBD Call TI Call TI 0 to 70 (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. |