công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAN-101 bảng dữ liệu(PDF) 1 Page - Exar Corporation

tên linh kiện DAN-101
Giải thích chi tiết về linh kiện  Replacing SCN68681 with XR68C681 DUART
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

DAN-101 bảng dữ liệu(HTML) 1 Page - Exar Corporation

  DAN-101 Datasheet HTML 1Page - Exar Corporation DAN-101 Datasheet HTML 2Page - Exar Corporation DAN-101 Datasheet HTML 3Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
• (510) 668-7000 • FAX (510) 668-7017
Visit Exar Web Site at www.exar.com
DATA COMMUNICATIONS APPLICATION NOTE
DAN-101
Replacing SCN68681 with XR68C681 DUART
Description
This application note describes the major difference between the Exar XR68C681 and the Philips
SCN68681. Items noted herein must be carefully considered whenever replacing with the XR68C681
device. Check your design to see if it applies.
1.0
Software
The XR68C681 is software compatible to the Philips SCN68681. All registers are compatible and there
is no software change requirement.
2.0
Hardware
2.1
The XR68C681 is pin-to-pin compatible to the SCN68681 in the following packages:
XR68C681CJ
=
SCN68681C1A44
; commercial temperature
XR68C681J
=
SCN68681E1A44
; industrial temperature
XR68C681CP
=
SCN68681C1N40
; commercial temperature
XR68C681P
=
SCN68681E1N40
; industrial temperature
XR68C681N
=
SCN68681E1F40
; ceramic package and industrial temperature
2.2
The XR68C681 is fabricated in low power CMOS process and the SCN68681 is made in NMOS
process. The XR68C681 consumes 10 times less power than SCN68681.
Icc
XR68C681
SCN68681
Typical
6mA
n.a
Maximum
15mA
150-175mA
2.3
The oscillator circuit on X1 and X2 pins is different and depending upon application environment it may
or may not be compatible, refer to figure 1 on the next page. Figure 1 shows 3 applications that will
need to be considered in the review process. The oscillator circuit and connection for SCN68681 is
exhibited in the second column and the circuit for XR68C681 is shown under the third column. As it is
illustrated, the internal inverter for the oscillator circuit is reversed. Hence, the XR68C681 is compatible
under application #1 and should work fine. However, application #2 and #3 must be carefully reviewed
by the designer.
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
• (510) 668-7000 • FAX (510) 668-7017
May 1999


Số phần tương tự - DAN-101

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
DAN-102 EXAR-DAN-102 Datasheet
44Kb / 3P
Infrared Application
DAN-107 EXAR-DAN-107 Datasheet
35Kb / 4P
Interfacing 16Cxxx UARTs to a CPU
DAN-108 EXAR-DAN-108 Datasheet
60Kb / 15P
UART CRYSTAL OSCILLATOR DESIGN GUIDE
More results

Mô tả tương tự - DAN-101

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
XR16L2551 EXAR-XR16L2551 Datasheet
287Kb / 48P
LOW VOLTAGE DUART WITH POWERSAVE
XR16V2552 EXAR-XR16V2552_07 Datasheet
1Mb / 48P
HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16L2550 EXAR-XR16L2550_07 Datasheet
886Kb / 46P
LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16L2551 EXAR-XR16L2551_07 Datasheet
902Kb / 49P
LOW VOLTAGE DUART WITH POWERSAVE
logo
National Semiconductor ...
LMH0074 NSC-LMH0074_1 Datasheet
167Kb / 6P
Replacing the CLC012 Adaptive Cable Equalizer with the LMH0074
LMH0001 NSC-LMH0001_10 Datasheet
159Kb / 4P
Replacing the CLC001 Cable Driver with the LMH0001
LMH0026 NSC-LMH0026_1 Datasheet
161Kb / 4P
Replacing the CLC016 Replacing the CLC016 reclocker in many applications
logo
Silicon Laboratories
AN729 SILABS-AN729 Datasheet
206Kb / 8P
REPLACING TRADITIONAL OPTOCOUPLERS WITH Si87XX DIGITAL ISOLATORS
AN731 SILABS-AN731 Datasheet
1Mb / 8P
REPLACING TRADITIONAL OPTO-DRIVERS
logo
Exar Corporation
DAN-122 EXAR-DAN-122 Datasheet
33Kb / 3P
EXAR?셎 XR68C681 COMPARED
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com