công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMTH6010LPDQ bảng dữ liệu(PDF) 1 Page - Diodes Incorporated

tên linh kiện DMTH6010LPDQ
Giải thích chi tiết về linh kiện  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6010LPDQ bảng dữ liệu(HTML) 1 Page - Diodes Incorporated

  DMTH6010LPDQ Datasheet HTML 1Page - Diodes Incorporated DMTH6010LPDQ Datasheet HTML 2Page - Diodes Incorporated DMTH6010LPDQ Datasheet HTML 3Page - Diodes Incorporated DMTH6010LPDQ Datasheet HTML 4Page - Diodes Incorporated DMTH6010LPDQ Datasheet HTML 5Page - Diodes Incorporated DMTH6010LPDQ Datasheet HTML 6Page - Diodes Incorporated DMTH6010LPDQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMTH6010LPDQ
Document number: DS38517 Rev. 2 - 2
1 of 7
www.diodes.com
May 2016
© Diodes Incorporated
DMTH6010LPDQ
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) max
ID max
TC = +25°C
60V
11m
Ω @ VGS = 10V
47.6A
16m
Ω @ VGS = 4.5V
39.5A
Description and Applications
This MOSFET is designed to meet the stringent requirements of
Automotive applications. It is qualified to AEC-Q101, supported by a
PPAP and is ideal for use in:
Engine Management Systems
Body Control Electronics
DCDC Converters
Features and Benefits
Rated to +175°C
– Ideal for High Ambient Temperature
Environments
100% Unclamped Inductive Switching
– ensures more reliable
and robust end application
High Conversion Efficiency
Low Input Capacitance
Fast Switching Speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: PowerDI5060-8 (Type C)
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
 Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Ordering Information (Note 5)
Part Number
Case
Packaging
DMTH6010LPDQ-13
PowerDI5060-8 (Type C)
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/product_compliance_definitions.html.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Pin out
Top View
Equivalent Circuit
= Manufacturer’s Marking
H6010LD = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 16 = 2016)
WW = Week (01 to 53)
Bottom View
Top View
D1
S1
G1
Pin1
S1
D2
D1
G2
D1
D2
G1
S2
D2
S2
G2
S1
D1
G1
S2
G2
D1
D2
D2
H6010LD
YY WW


Số phần tương tự - DMTH6010LPDQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
DMTH6010LPDQ DIODES-DMTH6010LPDQ Datasheet
538Kb / 9P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 4 - 2 December 2021
DMTH6010LPDQ-13 DIODES-DMTH6010LPDQ-13 Datasheet
538Kb / 9P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 4 - 2 December 2021
DMTH6010LPDQ DIODES-DMTH6010LPDQ_V01 Datasheet
538Kb / 9P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 4 - 2 December 2021
More results

Mô tả tương tự - DMTH6010LPDQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com