công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS4825EUA bảng dữ liệu(PDF) 5 Page - SEC Electronics Inc.

tên linh kiện SS4825EUA
Giải thích chi tiết về linh kiện  Linear Hall Effect Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SECELECTRONICS [SEC Electronics Inc.]
Trang chủ  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS4825EUA bảng dữ liệu(HTML) 5 Page - SEC Electronics Inc.

  SS4825EUA Datasheet HTML 1Page - SEC Electronics Inc. SS4825EUA Datasheet HTML 2Page - SEC Electronics Inc. SS4825EUA Datasheet HTML 3Page - SEC Electronics Inc. SS4825EUA Datasheet HTML 4Page - SEC Electronics Inc. SS4825EUA Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SS4825
Linear Hall Effect Sensor
5
V3.10
Nov 1, 2013
Package SO, 3-Pin SOT-23:
SOT-23 Hall plate location
Ordering Information
Part No.
Pb-free
Temperature Code
Package Code
Packing
SS4825EUA
YES
-40°C to 85°C
TO-92
Bulk, 1000 pieces/bag
SS4825ESOT
YES
-40°C to 85°C
SOT-23
7-in. reel, 3000 pieces/ reel
SS4825KUA
YES
-40°C to 125°C
TO-92
Bulk, 1000 pieces/bag
SS4825KSOT
YES
-40°C to 125°C
SOT-23
7-in. reel, 3000 pieces/ reel
SS4825LUA
YES
-40°C to 150°C
TO-92
Bulk, 1000 pieces/bag
SS4825LSOT
YES
-40°C to 150°C
SOT-23
7-in. reel, 3000 pieces/ reel
0.56
0.66
0.95
0.80
1.50
1.40
Chip
3
2
1
Bottom View of SOT-23 Package
2.82
3.02
1.05
1.15
0.70
0.90
0.00
0.10
0.30
0.50
0.10
0.20
0.30
0.60
2.65
2.95
1.50
1.70
1.80
2.00
3
2
1
Top View
Side View
End View
Notes:
1). PINOUT:
Pin 1VDD
Pin 2 Output
Pin 3 GND
2). All dimensions are in millimeters ;



Html Pages

1 2 3 4 5