| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM3410XMF/NOPB bảng dữ liệu(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM3410XMF/NOPB bảng dữ liệu(HTML) 39 Page - Texas Instruments |
|
39 / 49 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 2-May-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples LM3410XMF/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 SSVB LM3410XMFE/NOPB ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 SSVB LM3410XMFX/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 SSVB LM3410XMY/NOPB ACTIVE MSOP- PowerPAD DGN 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 SSXB LM3410XMYE/NOPB ACTIVE MSOP- PowerPAD DGN 8 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 SSXB LM3410XMYX/NOPB ACTIVE MSOP- PowerPAD DGN 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 SSXB LM3410XQMF/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 SXUB LM3410XQMFX/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 SXUB LM3410XSD/NOPB ACTIVE WSON NGG 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 3410X LM3410XSDE/NOPB ACTIVE WSON NGG 6 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 3410X LM3410XSDX/NOPB ACTIVE WSON NGG 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 3410X LM3410YMF/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 SSZB LM3410YMFE/NOPB ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 SSZB LM3410YMFX/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 SSZB LM3410YMY/NOPB ACTIVE MSOP- PowerPAD DGN 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 STAB LM3410YMYE/NOPB ACTIVE MSOP- PowerPAD DGN 8 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 STAB LM3410YMYX/NOPB ACTIVE MSOP- PowerPAD DGN 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 STAB |