công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1086CS-2.5/NOPB bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM1086CS-2.5/NOPB
Giải thích chi tiết về linh kiện  1.5-A Low Dropout Positive Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086CS-2.5/NOPB bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button LM1086CS-2.5/NOPB Datasheet HTML 9Page - Texas Instruments LM1086CS-2.5/NOPB Datasheet HTML 10Page - Texas Instruments LM1086CS-2.5/NOPB Datasheet HTML 11Page - Texas Instruments LM1086CS-2.5/NOPB Datasheet HTML 12Page - Texas Instruments LM1086CS-2.5/NOPB Datasheet HTML 13Page - Texas Instruments LM1086CS-2.5/NOPB Datasheet HTML 14Page - Texas Instruments LM1086CS-2.5/NOPB Datasheet HTML 15Page - Texas Instruments LM1086CS-2.5/NOPB Datasheet HTML 16Page - Texas Instruments LM1086CS-2.5/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LM1086
www.ti.com
SNVS039J – JUNE 2000 – REVISED APRIL 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM1086 is versatile in its applications, including uses in programmable output regulation and local on-card
regulation. Or, by connecting a fixed resistor between the ADJUST and OUTPUT terminals, the LM1086 can
function as a precision current regulator. An optional output capacitor can be added to improve transient
response. The ADJUST terminal can be bypassed to achieve very high ripple-rejection ratios, which are difficult
to achieve with standard three-terminal regulators. Please note, in the following applications, if ADJ is mentioned,
it makes use of the adjustable version of the part, however, if GND is mentioned, it is the fixed voltage version of
the part.
8.2 Typical Applications
8.2.1 1.2-V to 15-V Adjustable Regulator
This part can be used as a simple low drop out regulator to enable a variety of output voltages needed for
demanding applications. By using an adjustable R2 resistor a variety of output voltages can be made possible as
shown in Figure 18 based on the LM1086-ADJ.
Figure 18. 1.2-V to 15-V Adjustable Regulator
8.2.1.1 Design Requirements
The device component count is very minimal, employing two resistors as part of a voltage divider circuit and an
output capacitor for load regulation.
8.2.1.2 Detailed Design Procedure
The voltage divider for this part is set based on the equation shown in Figure 18, where R1 is the upper feedback
resistor R2 is the lower feedback resistor.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM1086



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com