công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS732ESOT bảng dữ liệu(PDF) 6 Page - SEC Electronics Inc.

tên linh kiện SS732ESOT
Giải thích chi tiết về linh kiện  Hall Latch - High Sensitivity
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SECELECTRONICS [SEC Electronics Inc.]
Trang chủ  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS732ESOT bảng dữ liệu(HTML) 6 Page - SEC Electronics Inc.

  SS732ESOT Datasheet HTML 1Page - SEC Electronics Inc. SS732ESOT Datasheet HTML 2Page - SEC Electronics Inc. SS732ESOT Datasheet HTML 3Page - SEC Electronics Inc. SS732ESOT Datasheet HTML 4Page - SEC Electronics Inc. SS732ESOT Datasheet HTML 5Page - SEC Electronics Inc. SS732ESOT Datasheet HTML 6Page - SEC Electronics Inc. SS732ESOT Datasheet HTML 7Page - SEC Electronics Inc. SS732ESOT Datasheet HTML 8Page - SEC Electronics Inc. SS732ESOT Datasheet HTML 9Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SS732
Hall Latch - High Sensitivity
6
V3.10 Nov 1, 2013
The SOT-23 device is reversed from the UA package. The SOT-23 output transistor will be turned on(drops low) in the presence of a
sufficiently strong North pole magnetic field applied to the marked face and turned off(hoists high) in the presence of a sufficiently
strong South pole magnetic field.
Application Information
It is strongly recommended that an external bypass capacitor be connected (in close proximity to the Hall sensor)
between the supply(VDD Pin) and ground(GND Pin) of the device to reduce both external noise and noise generat-
ed by the chopper stabilization technique. As is shown in the following fi
gure, a 0.1μF capacitor is typical.
Typical Three-Wire Application Circuit
For reverse voltage protection, it is recommended to connect a resistor or a diode in series with the VDD pin.
When using a resistor, three points are important:
- the resistor has to limit the reverse current to 50mA maximum (VCC / R1 ≤ 50mA)
- the resulting device supply voltage VDD has to be higher than VDD min (VDD = VCC – R1*IDD)
- the resistor has to withstand the power dissipated in reverse voltage condition (PD = VCC
2
/R1)
Using a diode, a reverse current cannot flow and the voltage drop is almost constant (
≈0.7V).
Therefore, a 100
Ω/0.25W resistor for 5V application and a diode for higher supply voltage are recommended.
Both solutions provide the required reverse voltage protection.
When a weak power supply is used or when the device is intended to be used in noisy environment, it is
recommended that the following figure is used.
The low-pass filter formed by R1 and C1 and the Zener diode Z1 bypass the disturbances or voltage spikes occur-
ring on the device supply voltage VDD. The diode D1 provides additional reverse voltage protection.
R2
C2
VDD
GND
OUT
C1
SS732



Html Pages

1 2 3 4 5 6 7 8 9