công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS443KSOT bảng dữ liệu(PDF) 6 Page - SEC Electronics Inc.

tên linh kiện SS443KSOT
Giải thích chi tiết về linh kiện  Unipolar Hall-Effect Digital Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SECELECTRONICS [SEC Electronics Inc.]
Trang chủ  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS443KSOT bảng dữ liệu(HTML) 6 Page - SEC Electronics Inc.

  SS443KSOT Datasheet HTML 1Page - SEC Electronics Inc. SS443KSOT Datasheet HTML 2Page - SEC Electronics Inc. SS443KSOT Datasheet HTML 3Page - SEC Electronics Inc. SS443KSOT Datasheet HTML 4Page - SEC Electronics Inc. SS443KSOT Datasheet HTML 5Page - SEC Electronics Inc. SS443KSOT Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SS443
Unipolar Hall-Effect Digital Switch
6
V3.10
Nov 1, 2013
Package SO, 3-Pin SOT-23:
Ordering Information
Part No.
Pb-free
Temperature Code
Package Code
Packing
SS443ESOT
YES
-40°C to 85°C
SOT-23
7-in. reel, 3000 pieces/ reel
SS443EUA
YES
-40°C to 85°C
TO-92
Bulk, 1000 pieces/ bag
SS443KSOT
YES
-40°C to 125°C
SOT-23
7-in. reel, 3000 pieces/ reel
SS443KUA
YES
-40°C to 125°C
TO-92
Bulk, 1000 pieces/ bag
SS443LSOT
YES
-40°C to 150°C
SOT-23
7-in. reel, 3000 pieces/ reel
SS443LUA
YES
-40°C to 150°C
TO-92
Bulk, 1000 pieces/ bag
2.70
3.10
1.00
1.30
0.70
0.90
0.00
0.10
0.35
0.50
0.10
0.25
0.20
Min
2.60
3.00
1.50
1.80
1.70
2.10
3
2
1
Top
Side Vie
End
Notes
1). PINOUT:
Pin 1 VDD
Pin 2 Output
Pin 3 GND
2). All dimensions are in millimeters;



Html Pages

1 2 3 4 5 6