công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM139AFKB bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM139AFKB
Giải thích chi tiết về linh kiện  Low-Power Low-Offset Voltage Quad Comparators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM139AFKB bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button LM139AFKB Datasheet HTML 17Page - Texas Instruments LM139AFKB Datasheet HTML 18Page - Texas Instruments LM139AFKB Datasheet HTML 19Page - Texas Instruments LM139AFKB Datasheet HTML 20Page - Texas Instruments LM139AFKB Datasheet HTML 21Page - Texas Instruments LM139AFKB Datasheet HTML 22Page - Texas Instruments LM139AFKB Datasheet HTML 23Page - Texas Instruments LM139AFKB Datasheet HTML 24Page - Texas Instruments LM139AFKB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
6-Jan-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM139AJ/PB
ACTIVE
CDIP
J
14
25
TBD
Call TI
Call TI
-55 to 125
LM139AJ
LM139J/PB
ACTIVE
CDIP
J
14
25
TBD
Call TI
Call TI
-55 to 125
LM139J
LM239J
ACTIVE
CDIP
J
14
25
TBD
Call TI
Call TI
-25 to 85
LM239J
LM2901M
ACTIVE
SOIC
D
14
55
TBD
Call TI
Call TI
-40 to 85
LM2901M
LM2901M/NOPB
ACTIVE
SOIC
D
14
55
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
LM2901M
LM2901MX
NRND
SOIC
D
14
2500
TBD
Call TI
Call TI
-40 to 85
LM2901M
LM2901MX/NOPB
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
LM2901M
LM2901N/NOPB
ACTIVE
PDIP
NFF
14
25
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
-40 to 85
LM2901N
LM339AM
NRND
SOIC
D
14
55
TBD
Call TI
Call TI
-25 to 85
LM339AM
LM339AM/NOPB
ACTIVE
SOIC
D
14
55
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-25 to 85
LM339AM
LM339AMX
NRND
SOIC
D
14
2500
TBD
Call TI
Call TI
-25 to 85
LM339AM
LM339AMX/NOPB
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-25 to 85
LM339AM
LM339AN/NOPB
ACTIVE
PDIP
NFF
14
25
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
-25 to 85
LM339AN
LM339J
ACTIVE
CDIP
J
14
25
TBD
Call TI
Call TI
-25 to 85
LM339J
LM339M
NRND
SOIC
D
14
55
TBD
Call TI
Call TI
-25 to 85
LM339M
LM339M/NOPB
ACTIVE
SOIC
D
14
55
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-25 to 85
LM339M
LM339MX
NRND
SOIC
D
14
2500
TBD
Call TI
Call TI
-25 to 85
LM339M
LM339MX/NOPB
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-25 to 85
LM339M
LM339N/NOPB
ACTIVE
PDIP
NFF
14
25
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
-25 to 85
LM339N
MLM339P
OBSOLETE
PDIP
NFF
14
TBD
Call TI
Call TI
LM339N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28