| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN54LS20 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN54LS20 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 20 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples M38510/30007BDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 30007BDA M38510/30007BDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 30007BDA SN5420J OBSOLETE CDIP J 14 TBD Call TI Call TI -55 to 125 SN5420J OBSOLETE CDIP J 14 TBD Call TI Call TI -55 to 125 SN54LS20J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS20J SN54LS20J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS20J SN54S20J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54S20J SN54S20J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54S20J SN7420N OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN7420N OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74LS20-W ACTIVE WAFERSALE YS 0 TBD Call TI Call TI SN74LS20-W ACTIVE WAFERSALE YS 0 TBD Call TI Call TI SN74LS20D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS20 SN74LS20D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS20 SN74LS20DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS20 SN74LS20DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS20 SN74LS20DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS20 SN74LS20DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS20 SN74LS20J OBSOLETE CDIP J 14 TBD Call TI Call TI 0 to 70 SN74LS20J OBSOLETE CDIP J 14 TBD Call TI Call TI 0 to 70 SN74LS20N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS20N |