| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LS14 bảng dữ liệu(PDF) 14 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS14 bảng dữ liệu(HTML) 14 Page - Texas Instruments |
|
14 / 27 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN74LS14DBR ACTIVE SSOP DB 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS14 SN74LS14DBRG4 ACTIVE SSOP DB 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS14 SN74LS14DE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS14 SN74LS14DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS14 SN74LS14DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS14 SN74LS14DRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS14 SN74LS14DRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS14 SN74LS14N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS14N SN74LS14N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74LS14NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS14N SN74LS14NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS14 SNJ5414J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ5414J SNJ5414W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ5414W SNJ54LS14FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 9665801Q2A SNJ54LS 14FK SNJ54LS14J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9665801QC A SNJ54LS14J SNJ54LS14W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9665801QD A SNJ54LS14W (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. |