| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2941CT/LB03 bảng dữ liệu(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM2941CT/LB03 bảng dữ liệu(HTML) 20 Page - Texas Instruments |
|
20 / 30 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 27-Jul-2016 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM2941-MD8 ACTIVE DIESALE Y 0 221 Green (RoHS & no Sb/Br) Call TI Level-1-NA-UNLIM LM2941CS NRND DDPAK/ TO-263 KTT 5 45 TBD Call TI Call TI 0 to 125 LM2941CS P+ LM2941CS/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR 0 to 125 LM2941CS P+ LM2941CSX NRND DDPAK/ TO-263 KTT 5 TBD Call TI Call TI 0 to 125 LM2941CS P+ LM2941CSX/NOPB ACTIVE DDPAK/ TO-263 KTT 5 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR 0 to 125 LM2941CS P+ LM2941CT NRND TO-220 KC 5 45 TBD Call TI Call TI 0 to 125 LM2941CT P+ LM2941CT/LB03 NRND TO-220 NDH 5 TBD Call TI Call TI LM2941CT/LF03 ACTIVE TO-220 NDH 5 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM LM2941CT P+ LM2941CT/LF04 ACTIVE TO-220 NEB 5 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM LM2941CT P+ LM2941CT/NOPB ACTIVE TO-220 KC 5 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM 0 to 125 LM2941CT P+ LM2941LD NRND WSON NGN 8 1000 TBD Call TI Call TI -40 to 125 L2941LD LM2941LD/NOPB ACTIVE WSON NGN 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-3-260C-168 HR -40 to 125 L2941LD LM2941LDX NRND WSON NGN 8 TBD Call TI Call TI -40 to 125 L2941LD LM2941LDX/NOPB ACTIVE WSON NGN 8 4500 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-3-260C-168 HR -40 to 125 L2941LD LM2941S NRND DDPAK/ TO-263 KTT 5 45 TBD Call TI Call TI -40 to 125 LM2941S P+ LM2941S/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LM2941S P+ LM2941SX NRND DDPAK/ TO-263 KTT 5 500 TBD Call TI Call TI -40 to 125 LM2941S P+ LM2941SX/NOPB ACTIVE DDPAK/ TO-263 KTT 5 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LM2941S P+ LM2941T NRND TO-220 KC 5 45 TBD Call TI Call TI -40 to 125 LM2941T |