| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AHP1001 bảng dữ liệu(PDF) 2 Page - Astrodyne Corporation |
|
|
|||||||||||||||||||||||||||||
AHP1001 bảng dữ liệu(HTML) 2 Page - Astrodyne Corporation |
|
2 / 4 page ![]() Medical Grade Class II 10 Watt Adapter AHP1001 series WWW.ASTRODYNETDI.COM ASTRODYNE USA: 1-800-823-8082 ASTRODYNE PACIFIC: 886-2-26983458 * These are stress ratings. Exposure of the devices to any of these conditions may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. INPUT SPECIFICATIONS Input Voltage Range (See I/P 80-275 VAC (100-240VAC Nom.) See Input Derate Curve (Fig 1) Frequency Range Sine Wave, 47-63 Hz Inrush I, Cold Start, FL 25°C 40A @ 100VAC * 100A @ 240VAC FL * Input Current (100Vin/240Vin) 0.3A max./0.2A max. FL Protection Class Double Insulated, Class II OUTPUT SPECIFICATIONS Voltage and Current See Selection Chart Page 1 Line Regulation HL-LL ±1%, max. FL Total Regulation See Selection Chart Page 1 Ripple/Noise (See Note) See Selection Chart Page 1 Over Load Protection 110-150% max. Auto Recovery * Short Circuit Protection Auto Recovery * Transient Response 4mS at FL, 110VAC Start Up Time 2S, min. at FL, 100VAC Hold Up Time 12mS, min. at FL, 100VAC Temperature Coefficient ±0.04%/°C PHYSICAL SPECIFICATIONS Size L x W x H (Inches/mm) 2.2” x 1.73” x 1.08” / 56 x 44 x 27.5mm Weight 90g typ. ENVIRONMENTAL SPECIFICATIONS Operating Temperature -10 to +70°C See Temp Derate Curve (Fig 2) Storage Temperature -40 to +85°C, 10~95% RH * Operating & Storage Humidity 0% to +95%, Non-Condensing * Cooling Free Air Convection Surge Voltage 2kV, min. EMC Emission EN55011 (CISPR11) EN61000-3-2, -3 Class B ESD Contact 6KV, Air 8KV IEC61000-4-2 Vibration 5G Min. Operating Altitude (Elevation) 3000m max. 10 ~ 500Hz, 10min./1cycle, 60min. each along X, Y, Z axes MTBF 100,000 Hrs, min. MIL-HDBK-217F, 25°C Flammability Rating UL94V-1 GENERAL SPECIFICATIONS Isolation I/P-O/P: 4000VAC Limit Current <10mA O/P-Ground: 707VDC 60S Insulation Resistance ≥20MΩ, 500V, 1S, I/P to O/P Efficiency at FL & Nominal Line See Selection Chart Safety UL/cUL: ANSI/AAMI ES60601-1:2005 3rd ed. NOTE Ripple & Noise is measured by using a 20MHz bandwidth limited oscilloscope and terminating each output with a 0.47uF capacitor at FL and Nominal line. |