| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN54LS10 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN54LS10 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 19 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN74LS10D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS10 SN74LS10DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS10 SN74LS10DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS10 SN74LS10DRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS10 SN74LS10DRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS10 SN74LS10N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS10N SN74LS10N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74LS10NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS10 SN74S10N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74S10N SN74S10N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SNJ5410J OBSOLETE CDIP J 14 TBD Call TI Call TI -55 to 125 SNJ5410W OBSOLETE CFP W 14 TBD Call TI Call TI -55 to 125 SNJ5410WA OBSOLETE CFP WA 14 TBD Call TI Call TI -55 to 125 SNJ54LS10FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 SNJ54LS 10FK SNJ54LS10J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ54LS10J SNJ54LS10W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ54LS10W SNJ54S10J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ54S10J SNJ54S10W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ54S10W (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |