| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LS08 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS08 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 22 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples M38510/31004B2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 JM38510/ 31004B2A M38510/31004B2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 JM38510/ 31004B2A M38510/31004BCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 31004BCA M38510/31004BCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 31004BCA M38510/31004BDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 31004BDA M38510/31004BDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 31004BDA M38510/31004SCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 31004SCA M38510/31004SCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 31004SCA M38510/31004SDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 31004SDA M38510/31004SDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 31004SDA SN54LS08J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS08J SN54LS08J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS08J SN54S08J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54S08J SN54S08J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54S08J SN7408N OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN7408N OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN7408N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN7408N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74LS08D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS08 SN74LS08D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS08 |