| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2598 bảng dữ liệu(PDF) 41 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM2598 bảng dữ liệu(HTML) 41 Page - Texas Instruments |
|
41 / 47 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 15-Feb-2016 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM2598S-12/NOPB ACTIVE DDPAK/ TO-263 KTW 7 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LM2598S -12 P+ LM2598S-3.3/NOPB ACTIVE DDPAK/ TO-263 KTW 7 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LM2598S -3.3 P+ LM2598S-5.0 NRND DDPAK/ TO-263 KTW 7 45 TBD Call TI Call TI -40 to 125 LM2598S -5.0 P+ LM2598S-5.0/NOPB ACTIVE DDPAK/ TO-263 KTW 7 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LM2598S -5.0 P+ LM2598S-ADJ/NOPB ACTIVE DDPAK/ TO-263 KTW 7 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LM2598S -ADJ P+ LM2598SX-12/NOPB ACTIVE DDPAK/ TO-263 KTW 7 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LM2598S -12 P+ LM2598SX-3.3/NOPB ACTIVE DDPAK/ TO-263 KTW 7 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LM2598S -3.3 P+ LM2598SX-5.0 NRND DDPAK/ TO-263 KTW 7 500 TBD Call TI Call TI -40 to 125 LM2598S -5.0 P+ LM2598SX-5.0/NOPB ACTIVE DDPAK/ TO-263 KTW 7 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LM2598S -5.0 P+ LM2598SX-ADJ/NOPB ACTIVE DDPAK/ TO-263 KTW 7 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LM2598S -ADJ P+ LM2598T-12/NOPB ACTIVE TO-220 NDZ 7 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 125 LM2598T -12 P+ LM2598T-3.3/NOPB ACTIVE TO-220 NDZ 7 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 125 LM2598T -3.3 P+ LM2598T-5.0/NOPB ACTIVE TO-220 NDZ 7 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 125 LM2598T -5.0 P+ LM2598T-ADJ/NOPB ACTIVE TO-220 NDZ 7 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 125 LM2598T -ADJ P+ (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |