| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM358P bảng dữ liệu(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM358P bảng dữ liệu(HTML) 16 Page - Texas Instruments |
|
16 / 41 page ![]() + RIN RG RF VOUT VIN NC VCC+ IN1 í IN1+ VCC í NC OUT NC RG RIN RF GND VIN VS- GND VS+ GND Run the input traces as far away from the supply lines as possible Only needed for dual-supply operation Place components close to device and to each other to reduce parasitic errors Use low-ESR, ceramic bypass capacitor (or GND for single supply) Ground (GND) plane on another layer VOUT LM158, LM158A, LM258, LM258A LM358, LM358A, LM2904, LM2904V SLOS068T – JUNE 1976 – REVISED APRIL 2015 www.ti.com 11.2 Layout Examples Figure 15. Operational Amplifier Board Layout for Noninverting Configuration Figure 16. Operational Amplifier Schematic for Noninverting Configuration 16 Submit Documentation Feedback Copyright © 1976–2015, Texas Instruments Incorporated Product Folder Links: LM158 LM258 LM258A LM358 LM358A LM2904 LM2904V |