| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8998 bảng dữ liệu(PDF) 28 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8998 bảng dữ liệu(HTML) 28 Page - Wolfson Microelectronics plc |
|
28 / 307 page ![]() WM8998 Production Data w PD, October 2014, Rev 4.0 28 SIGNAL TIMING REQUIREMENTS SYSTEM CLOCK & FREQUENCY LOCKED LOOP (FLL) MCLK tMCLKL tMCLKH tMCLKY VIH VIL Figure 1 Master Clock Timing Test Conditions The following timing information is valid across the full range of recommended operating conditions. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Master Clock Timing (MCLK1, MCLK2) MCLK frequency MCLK as input to FLL, FLLn_REFCLK_DIV=00 13.5 MHz MCLK as input to FLL, FLLn_REFCLK_DIV=01 27 MCLK as input to FLL, FLLn_REFCLK_DIV=10 or 11 40 MCLK as direct SYSCLK or ASYNCCLK source 25 MCLK duty cycle MCLK as input to FLL 80:20 20:80 % MCLK as direct SYSCLK or ASYNCCLK source 60:40 40:60 MCLK2 frequency Sleep Mode 32.768 kHz Frequency Locked Loops (FLL1, FLL2) FLL input frequency FLLn_REFCLK_DIV=00 0.032 13.5 MHz FLLn_REFCLK_DIV=01 0.064 27 FLLn_REFCLK_DIV=10 0.128 40 FLLn_REFCLK_DIV=11 0.256 40 FLL synchroniser input frequency FLLn_SYNCCLK_DIV=00 0.032 13.5 MHz FLLn_SYNCCLK_DIV=01 0.064 27 FLLn_SYNCCLK_DIV=10 0.128 40 FLLn_SYNCCLK_DIV=11 0.256 40 |