| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CPC7593 bảng dữ liệu(PDF) 14 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
CPC7593 bảng dữ liệu(HTML) 14 Page - IXYS Corporation |
|
14 / 24 page ![]() INTEGRATED CIRCUITS DIVISION 14 www.ixysic.com R05 CPC7593 1.10 Truth Tables 1.10.1 Truth Table for CPC7593xA and CPC7593xB 1.10.2 Truth Table for CPC7593xC and CPC7593xD State INRINGING INTESTin INTESTout Latch TSD TESTin Switches Break Switches Ringing Test Switches Ringing Switches TESTout Switches Talk 000 0 Z 1 Off On Off Off Off TESTout 0 0 1 Off Off Off Off On TESTin 010 On Off Off Off Off Simultaneous TESTin and TESTout 011 On Off Off Off On Ringing 1 0 0 Off Off Off On Off Ringing Generator Test 110 Off Off On Off Off Latched X X X 1 Unchanged Unchanged Unchanged Unchanged Unchanged All-Off 1 0 1 0 Off Off Off Off Off 1 1 1 0 Off Off Off Off Off X X X X 0 Off Off Off Off Off 1Z = High Impedance. The T SD pin has an internal pull-up resistor, and must be allowed to float for normal thermal shutdown operation. It should be controlled with an open-collector or an open-drain device. State INRINGING INTESTin INTESTout Latch TSD TESTin Switches Break Switches Ringing Test Switches Ringing Switches TESTout Switches Talk 000 0 Z 1 Off On Off Off Off TESTout 0 0 1 Off Off Off Off On TESTin 010 On Off Off Off Off Simultaneous TESTin and TESTout 011 On Off Off Off On Ringing 1 0 0 Off Off Off On Off Ringing Generator Test 110 Off Off On Off Off Simultaneous TESTout and Ringing Generator Test 111 Off Off On Off On Latched X X X 1 Unchanged Unchanged Unchanged Unchanged Unchanged All-Off 1 0 1 0 Off Off Off Off Off X X X X 0 Off Off Off Off Off 1Z = High Impedance. The T SD pin has an internal pull-up resistor, and must be allowed to float for normal thermal shutdown operation. It should be controlled with an open-collector or an open-drain device. |