| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IX4427 bảng dữ liệu(PDF) 12 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IX4427 bảng dữ liệu(HTML) 12 Page - IXYS Corporation |
|
12 / 13 page ![]() INTEGRATED CIRCUITS DIVISION IX4426-27-28 12 www.ixysic.com R05 5.4 Mechanical Dimensions 5.4.1 “N” Package (8-Pin SOIC) 5.4.2 “N” Package Tape & Reel NOTES: 1. Complies with JEDEC Standard MS-012. 2. All dimensions are in millimeters. 3. Dimensions do not include mold flash or burrs PCB Land Pattern Pin 1 Pin 8 3.90 ± 0.10 6.00 ± 0.20 0.42 ± 0.09 4.90 ± 0.10 1.27 REF 1.25 min 0.175 ± 0.075 0.40 min 1.27 max 1.27 5.60 1.75 0.65 1.75 max Dimensions mm (inches) NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2 Embossment Embossed Carrier Top Cover Tape Thickness 0.102 MAX. (0.004 MAX.) 330.2 DIA. (13.00 DIA.) K 0= 2.10 (0.083) W=12.00 (0.472) B 0=5.30 (0.209) User Direction of Feed A 0=6.50 (0.256) P=8.00 (0.315) |