công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CPC75282KATR bảng dữ liệu(PDF) 15 Page - IXYS Corporation

tên linh kiện CPC75282KATR
Giải thích chi tiết về linh kiện  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IXYS [IXYS Corporation]
Trang chủ  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC75282KATR bảng dữ liệu(HTML) 15 Page - IXYS Corporation

Back Button CPC75282KATR Datasheet HTML 11Page - IXYS Corporation CPC75282KATR Datasheet HTML 12Page - IXYS Corporation CPC75282KATR Datasheet HTML 13Page - IXYS Corporation CPC75282KATR Datasheet HTML 14Page - IXYS Corporation CPC75282KATR Datasheet HTML 15Page - IXYS Corporation CPC75282KATR Datasheet HTML 16Page - IXYS Corporation CPC75282KATR Datasheet HTML 17Page - IXYS Corporation CPC75282KATR Datasheet HTML 18Page - IXYS Corporation CPC75282KATR Datasheet HTML 19Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC75282
R00E
PRELIMINARY
15
sinking the TSDx pull up bias current to ground during
normal operation when the All-Off state is not
required. If TSDx is set to a logic 1 or tied to VCC, the
channel just ignores this input, and still enters the
thermal shutdown state at high temperature.
2.6 Ringing Switch Zero-Cross Current Turn Off
After the application of a logic input to turn SW4 off,
the ringing switch is designed to delay the change in
state until the next zero-crossing. Once on, the switch
requires a zero-current cross to turn off, and therefore
should not be used to switch a pure DC signal. The
switch will remain in the on state no matter the logic
input until the next zero crossing. These switching
characteristics will reduce and possibly eliminate
overall system impulse noise normally associated with
ringing switches. See IXYS Integrated Circuits
Division’s application note, AN-144, Impulse Noise
Benefits of Line Card Access Switches, for more
information. The attributes of ringing switch, SW4,
may make it possible to eliminate the need for a
zero-cross switching scheme. A minimum impedance
of 300
 in series with the ringing generator is
recommended.
2.7 Power Supplies
Both a +5V supply and battery voltage are connected
to the CPC75282. Switch state control is powered
exclusively by the +5V supply. As a result, the
CPC75282 exhibits extremely low power consumption
during active and idle states. Although battery power
is not used for switch control, it is required to supply
current during negative overvoltage fault conditions at
tip and ring.
2.8 Battery Voltage Monitor
The CPC75282 also uses the VBAT voltage to monitor
battery voltage. If system battery voltage is lost, both
channels of the CPC75282 immediately enter the
All-Off state. It remains in this state until the battery
voltage is restored. The device also enters the All-Off
state if the battery voltage rises more positive than
about –10V with respect to ground and remains in the
All-Off state until the battery voltage drops below
approximately –15V with respect to ground. This
battery monitor feature draws a small current from the
battery (less than 1
A typical) and will add slightly to
the device’s overall power dissipation.
2.9 Protection
2.9.1 Diode Bridge
Both channels of the CPC75282 use a combination of
current limited break switches, a diode bridge, and a
thermal shutdown mechanism to protect the SLIC
device or other associated circuitry from damage
during line transient events, such as lightning. During
a positive transient condition, the fault current is
conducted through the diode bridge to ground via
FGND. Voltage is clamped to a diode drop above
ground. Negative lightning is directed to battery via
steering diodes in the diode bridge. For power
induction or power-cross fault conditions, the positive
cycle of the transient is clamped to a diode drop above
ground and the fault current directed to ground. The
negative cycle of the transient is steered to battery.
Fault currents are limited by the current-limit circuit.
2.9.2 Current Limiting function
If a lightning strike transient occurs when the device is
in the Idle/Talk state, the current is passed along the
line to the integrated protection circuitry, and restricted
by the dynamic current limit response of the active
switches. During the Idle/Talk state, when a 1000V
10x1000
 s lightning pulse (GR-1089-CORE
lightning) is applied to the line though a properly
clamped external protector, the current seen at TLINE
and RLINE will be a pulse with a typical magnitude of
2.5A and a duration less than 0.5
s.
If a power-cross fault occurs with the device in the
Idle/Talk state, the current is passed though break
switches, SW1 and SW2, on to the integrated
protection circuit, but is limited by the DC current limit
response of the two break switches. The DC current
limit is dependent on the switch differential voltage, as
shown in “Figure 2: Switches 1-3” on page 17.
Note that the current limit circuitry has a negative
temperature coefficient. As a result, if the device is
subjected to extended heating due to a power cross
fault condition, the measured current at TLINE and
RLINE will decrease as the device temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com