công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CPC3909Z bảng dữ liệu(PDF) 5 Page - IXYS Corporation

tên linh kiện CPC3909Z
Giải thích chi tiết về linh kiện  Depletion-Mode FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IXYS [IXYS Corporation]
Trang chủ  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3909Z bảng dữ liệu(HTML) 5 Page - IXYS Corporation

  CPC3909Z Datasheet HTML 1Page - IXYS Corporation CPC3909Z Datasheet HTML 2Page - IXYS Corporation CPC3909Z Datasheet HTML 3Page - IXYS Corporation CPC3909Z Datasheet HTML 4Page - IXYS Corporation CPC3909Z Datasheet HTML 5Page - IXYS Corporation CPC3909Z Datasheet HTML 6Page - IXYS Corporation CPC3909Z Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC3909
PRELIMINARY
5
R00D
Manufacturing Information
Moisture Sensitivity
All plastic encapsulated semiconductor packages are susceptible to moisture ingression. IXYS Integrated
Circuits Division classified all of its plastic encapsulated devices for moisture sensitivity according to
the latest version of the joint industry standard, IPC/JEDEC J-STD-020, in force at the time of product
evaluation. We test all of our products to the maximum conditions set forth in the standard, and guarantee proper
operation of our devices when handled according to the limitations and information in that standard as well as to any
limitations set forth in the information or standards referenced below.
Failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced
product performance, reduction of operable life, and/or reduction of overall reliability.
This product carries a Moisture Sensitivity Level (MSL) rating as shown below, and should be handled according
to the requirements of the latest version of the joint industry standard IPC/JEDEC J-STD-033.
Device
Moisture Sensitivity Level (MSL) Rating
CPC3909C / CPC3909Z
MSL 1
ESD Sensitivity
This product is ESD Sensitive, and should be handled according to the industry standard JESD-625.
Soldering Profile
This product has a maximum body temperature and time rating as shown below. All other guidelines of J-STD-020
must be observed.
Device
Maximum Temperature x Time
Maximum Reflow Cycles
CPC3909C / CPC3909Z
260ºC for 30 seconds
3
Board Wash
IXYS Integrated Circuits Division recommends the use of no-clean flux formulations. However, board washing to
remove flux residue is acceptable, and the use of a short drying bake may be necessary. Chlorine-based or
Fluorine-based solvents or fluxes should not be used. Cleaning methods that employ ultrasonic energy should not be
used.



Html Pages

1 2 3 4 5 6 7