| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM1972M/NOPB bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM1972M/NOPB bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 22 page ![]() LM1972 SNAS094D – APRIL 1995 – REVISED MARCH 2013 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) (3) Supply Voltage (VDD–VSS) 15V Voltage at Any Pin VSS − 0.2V to VDD + 0.2V Power Dissipation (4) 150 mW ESD SusceptabiIity (5) 2000V Junction Temperature 150°C Soldering Information DW Package (10 sec.) +260°C Storage Temperature −65°C to +150°C (1) All voltages are measured with respect to GND pins (1, 3, 5, 6, 14, 16, 19), unless otherwise specified. (2) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional. Electrical Characteristics state DC and AC electrical specifications under particular test conditions. This assumes that the device is within the Operating Ratings. The typical value is a good indication of device performance. (3) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and specifications. (4) The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum allowable power dissipation is PD = (TJMAX − TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For the LM1972, TJMAX = +150°C, and the typical junction-to-ambient thermal resistance, when board mounted, is 65°C/W. (5) Human body model, 100 pF discharged through a 1.5 k Ω resistor. Operating Ratings (1) (2) TMIN TA TMAX Temperature Range TMIN ≤TA ≤TMAX 0°C ≤TA ≤ +70°C Supply Voltage (VDD − VSS) 4.5V to 12V (1) All voltages are measured with respect to GND pins (1, 3, 5, 6, 14, 16, 19), unless otherwise specified. (2) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional. Electrical Characteristics state DC and AC electrical specifications under particular test conditions. This assumes that the device is within the Operating Ratings. The typical value is a good indication of device performance. 2 Submit Documentation Feedback Copyright © 1995–2013, Texas Instruments Incorporated Product Folder Links: LM1972 |