công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83924BVCE bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện DP83924BVCE
Giải thích chi tiết về linh kiện  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924BVCE bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI)

  DP83924BVCE Datasheet HTML 1Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 2Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 3Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 4Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 5Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 6Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 7Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 8Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
General Description (Continued)
2
www.national.com
The various modes on the 4TPHY can be configured and
controlled via the MII management interface. This manage-
ment interface makes inter-operability with other manufac-
turers MAC units relatively easy. If no management
interface is desired, most of the critical operating modes of
the transceiver can be set via strapping options (latching
configuration information during reset). The ENDEC sec-
tion of the transceiver also supplies a simple Non-Return-
to-Zero (NRZ) interface to transmit and receive data
to/from standard 10 Mb/s MACs.
The transceivers include on-chip filtered transmit outputs,
which reduce emissions and eliminate the need for exter-
nal filter.
The DP83924BVCE maintains complete hardware and
software backwards compatibility with the DP83924AVCE
with only a change to one resistor value and disconnecting
a second resistor.
Block Diagram
Output
Driver
Trans-
mit
Filter
Transmit
Pre-emphasis
/TX Logic
Link
Genera-
tor
Manches-
terEncoder
Transmit
AUI
Driver
Transmit
Control
Interface
TXE
TXD
TXC
Oscilla-
tor Pres-
caler
X1
Management
Control Inter-
face
MDC
MDIO
Smart
Squelch
Link
Detect
Phase
Lock
Loop
Receive
Control
Interface
/decoder
CRS
RXD
RXC
MUX
TP
Rcv
+
-
AUI Rcv
+
-
+
-
Collision
Decoder
/Translator
COL
Heartbeat
Jabber
MUX
Common
Analog
/PLL for
Wave
Shapers
Transceiver
+ ENDEC Block
(replicated 4
times)
AUI Colli-
sion
TPLBK
AUI
Configu-
ration
Registers
RXI+
RXI-
TXU+
TXU-
CD+
CD-
TX+
TX-
RX+
RX-
LED_CLK
LED_DATA
LED Control
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42