| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMTR bảng dữ liệu(PDF) 13 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
SMTR bảng dữ liệu(HTML) 13 Page - Interpoint Corporation Company |
|
13 / 14 page ![]() table 9: element evaluation Table is for reference only. See individual Series' datasheets for specific screening. table 3: element evaluation Space Dc-Dc converterS prototype, claSS h anD claSS K eleMent eValuation SPace dc-dc conVerterS PrototyPe, claSS h and claSS K non -QMl 1 QMl PrototyPe claSS h claSS K coMPonent-leVel teSt PerforMed /o /h /K M/S 2 M/S 2 P 3 M/S 2 P 3 Element Electrical n n n n n Visual n n n n Internal Visual n n Temperature Cycling n n Constant Acceleration n n Interim Electrical n Burn-in n Post Burn-in Electrical n Steady State Life n Voltage Conditioning Aging n Visual Inspection n Final Electrical n n n n Wire Bond Evaluation n n n n SEM n Notes 1. Non-QML products may not meet all of the requirements of MIL-PRF-38534. 2. M/S = Active components (microcircuit and semiconductor die) 3. P = Passive components, Class H and K element evaluation. Not applicable to space prototype (“O”) element evaluation. Definitions: Element Evaluation: Component testing/screening per MIL-STD-883 as determined by MIL-PRF-38534 SEM: scanning electron microscopy Crane Aerospace & Electronics Power Solutions www.craneae.com/interpoint Page 13 of 14 SMTR Single and Dual DC-DC Converters 28 Volt input – 30 Watt SMTR Rev AC - 2015.10.14 |