| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSA2805d/883 bảng dữ liệu(PDF) 5 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MSA2805d/883 bảng dữ liệu(HTML) 5 Page - Interpoint Corporation Company |
|
5 / 15 page ![]() MSA 28 12 D / 883 Base Model Input Voltage Output Voltage Number of Outputs (S = single, D = dual) (R = decimal point, 5R2 = 5.2 Vout) Screening (Standard screening has no designator in this position.) MoDel nuMberinG key sMD nuMbers StanDarD MiCrOCirCuit Drawing (SMD) MSa SiMilar part 5962-9309201HxC MSA2805S/883 5962-0251301HxC MSA285R2S/883 5962-9309301HxC MSA2812S/883 5962-9309401HxC MSA2815S/883 5962-0052201HxC MSA2805D/883 5962-9308901HxC MSA2812D/883 5962-9309001HxC MSA2815D/883 ForexactspecificationsforanSMDproduct,referto theSMDdrawing.SMDscanbedownloadedfrom: http://www.landandmaritime.dla.mil/programs/smcr MoDel nuMber options tO DeterMine the MODel nuMber enter One OptiOn frOM eaCh CategOry in the fOrM belOw. cateGory base Model and input Voltage output Voltage 1 number of outputs 2 case options 3 screening 4 options MSA 05,5R2,12,15 S MSA–down-leaded:leaveblank (standard,leaveblank) MGA 05,12,15 D MGA–straightleads:leaveblank ES MGA–gullwings:Z 883 Fill in For MoDel # MA __________ __________ / Notes: 1.5R2isa5.2outputmodel. 2.NumberofOutputs:SisasingleoutputandDisadualoutput 3.CaseOptions:FortheMSAdown-leadedcaseleavethecaseoptionblank.FortheMGAstraight-leadcase,leavethecaseoptionblank.FortheMGA,surfacemount gull-wingcase,inserttheletter“Z”inthecaseoptionposition. 4.Screening:Forstandardscreeningleavethescreeningoptionblank.Forotherscreeningoptions,insertthedesiredscreeninglevel.Formoreinformationsee “Table11:ElementEvaluation”onpage12and“Table12:EnvironmentalScreening”onpage13. MoDel nuMberinG key MGA 28 12 S Z / 883 Base Model Input Voltage Output Voltage Screening Number of Outputs (S = single, D = dual) Gull Wing Lead Option (Straight leaded case has no designator in this position.) (Standard screening has no designator in this position.) sMD nuMbers StanDarD MiCrOCirCuit Drawing (SMD) Mga SiMilar part 5962-9309201HZC MGA2805SZ/883 5962-9309301HZC MGA2812SZ/883 5962-9309401HZC MGA2815SZ/883 5962-0052201HZC MGA2805DZ/883 5962-9308901HZC MGA2812DZ/883 5962-9309001HZC MGA2815DZ/883 ForexactspecificationsforanSMDproduct,refer totheSMDdrawing.SMDnumbersareshownfor thesurfacemountgull-wingcase.Forthestraight- leadcase,replacetheZ(HZC)intheSMDwithaY (HYC).SMDscanbedownloadedfrom:http://www. landandmaritime.dla.mil/programs/smcr table 5: msa smD numbers table 6: mga smD numbers table 7: msa anD mga moDel number options Figure 7: msa moDel numbering key Figure 8: mga moDel numbering key Crane Aerospace & Electronics Power Solutions MSA/MGA Single and Dual DC-DC Converters 28 Volt input – 5 WAtt www.craneae.com/interpoint Page5of15 MSA_MGARevAC-2013.06.13 |