| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MHP27012s bảng dữ liệu(PDF) 5 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MHP27012s bảng dữ liệu(HTML) 5 Page - Interpoint Corporation Company |
|
5 / 10 page ![]() Model nuMbering key MHP 270 05 S / ES Base Model Input Voltage Output Voltage Screening Number of Outputs (S = single, D = dual) (Standard screening has no designator in this position.) Model selection On the lines belOw, enter One seleCtiOn FrOm eaCh CategOry tO Determine the mODel number. CATEGORy MHP270 / Base Model and Input Voltage Output Voltage Number of Outputs 1 Screening 2 SELECTION MHP270 is the only available selection 05, 12, 15, 28 s (STANDARD leave blank) 05, 12, 15 d es Notes: 1. Number of Outputs: S is a single output and D is a dual output 2. Screening: For standard screening leave the screening option blank. For the ES screening option, insert the ES in the screening level option. For more information see Screening Tables 1. Crane Aerospace & Electronics Power Solutions MHp270 single and dual dc/dc converters 270 Volt input – 65 Watt www.craneae.com/interpoint Page 5 of 10 MHP270 Rev H - 2011.08.04 |