| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
mCH2805D/883 bảng dữ liệu(PDF) 3 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
mCH2805D/883 bảng dữ liệu(HTML) 3 Page - Interpoint Corporation Company |
|
3 / 13 page ![]() Squared corner and dot on top of cover indicate pin one. 1 4 7 5 2 3 6 SeecaseA2fordimensions. Figure 2: MCh Pin out Figure 3: Mgh Pin out 1 2 3 4 5 6 8 9 7 18 17 16 15 14 13 12 11 10 TOP VIEW MGH Differently colored glass bead around pin one or dimple in header (bottom or side of case) indicates pin one. Cover marking is oriented with pin one at the upper right corner. SeecaseBfordimensionsand“gull-wing”option. PIN Out MGH MODels Pin single Output Dual Output 1 PositiveInput PositiveInput 2 NoConnection NoConnection 3 InputCommon InputCommon 4,5 PositiveOutput PositiveOutput 6,7 CaseGround CaseGround 8,9 OutputCommon OutputCommon 10,11 CaseGround CaseGround 12 NoConnection NoConnection 13,14 NoConnection NegativeOutput 15,16,17 NoConnection NoConnection 18 Inhibit Inhibit MCH PINs NOt IN use Inhibit Leaveunconnected “NoConnection”pin Leaveunconnected MGH PINs NOt IN use Inhibit Leaveunconnected “NoConnection”pins Connecttocasegroundforbest EMIperformance.Alsookto leaveunconnected. TomeetspecifiedperformancefortheMGH,allpinsmustbe connectedexcept“Noconnection”pinsandInhibitpin. PIN Out MCH MODels Pin single Output Dual Output 1 PositiveInput PositiveInput 2 InputCommon InputCommon 3 PositiveOutput PositiveOutput 4 OutputCommon OutputCommon 5 CaseGround CaseGround 6 NoConnection NegativeOutput 7 Inhibit Inhibit tabLe 1: MCh Pin out tabLe 2: Mgh Pin out tabLe 3: MCh Pins not in use tabLe 4: Mgh Pins not in use BOTTOM VIEWMCH Crane Aerospace & Electronics Power Solutions MCH/MGH Single and Dual DC-DC Converters Page3of13 28 Volt input – 1.5 Watt www.interpoint.com MCH_MGHRevAB-2013.05.31 |