| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FME28-461Y/883 bảng dữ liệu(PDF) 12 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
FME28-461Y/883 bảng dữ liệu(HTML) 12 Page - Interpoint Corporation Company |
|
12 / 13 page ![]() STANDARD AND /ES (NON-QML) AND /883 (CLASS H, QML) PRODUCT ELEMENT EVALUATION COmpOnent-level test perFOrmed standard and /es nOn-Qml 1 /883 Class h Qml M/S 2 P 3 M/S 2 P 3 Element Electrical (probe) yes no yes yes Element Visual no no yes yes Internal Visual no N/A yes N/A Final Electrical no no yes yes Wire Bond Evaluation 4 no no yes yes SLAM™/C-SAM: Input capacitors only (Add’l test, not req. by H) no no no yes Notes: 1. Standard and /ES, non-QML products, do no meet all of the requirements of MIL-PRF-38534. 2. M/S = Active components (Microcircuit and Semiconductor Die) 3. P = Passive components 4. Not applicable to EMI filters that have no wire bonds. Definitions: Element Evaluation: Component testing/screening per MIL-STD-883 as determined by MIL-PRF-38534 SLAM™: Scanning Laser Acoustic Microscopy C-SAM: C - Mode Scanning Acoustic Microscopy Crane Aerospace & Electronics Power Solutions www.interpoint.com Page 12 of 13 FMe28-461 eMi input Filters 28 Volt input – 15 aMp FME28 Rev C - 20100226 |