| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FMSA-461/883 bảng dữ liệu(PDF) 6 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
FMSA-461/883 bảng dữ liệu(HTML) 6 Page - Interpoint Corporation Company |
|
6 / 14 page ![]() MODel NuMBeriNG key FMSA - 461 / 883 Base Model MIL-STD-461 Reference Screening (Standard screening has no designator in this position.) DlA DrAWiNG NuMBerS DLA DrAwing (5915) FMSA SiMiLAr pArT 96003-01HXX FMSA-461/883 For exact specifications for a DLA Drawing product, refer to the DLA Drawing. DLA Drawings can be downloaded from: http://www.landandmaritime.dla.mil/programs/smcr MODel NuMBer OptiONS To DeTerMine The MoDeL nuMber enTer one opTion FroM eACh CATegory in The ForM beLow . CAteGOry Base Model Screening 1 OptiONS FMSA-461 (standard, leave blank) ES 883 Fill iN FOr MODel # FMSA-461 / Notes 1. Screening: For standard screening leave the screening option blank. For other screening options, insert the desired screening level. For more information see Table 11 on page 20 and Table 12 on page 21. table 5: mODel numbering key table 6: Dla Drawing number CrOss reFerenCe table 7: mODel number OptiOns Crane Aerospace & Electronics Power Solutions FMSA/FMGA eMi input Filters 28 VOlt iNput - 0.8 AMp www.craneae.com/interpointcom Page 6 of 14 FMSA/FMGA Rev AA - 2015.12.15 |