| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS7828E/2K5 bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS7828E/2K5 bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 17 page ![]() ADS7828 12 SBAS181B www.ti.com FIGURE 4. Typical Read Sequence in HS Mode. NOTE: (A) Use repeated START to remain in HS mode instead of STOP. Sr A1 10 010 A0 RA Read-AddressingByte From master to slave From slave to master ADC Converting Mode W = 0 (WRITE) R = 1 (READ) SX 00 001 X X N F/S Mode HS Mode Master Code Sr A1 10 010 A0 W ASD C2 C1 C0 PD1 PD0 XXA Write-Addressing Byte Command Byte ADC Sampling Mode HS Mode Enabled ADC Power-Down Mode HS Mode Enabled 000 0 D11 D10 D9 D8 AD7 D6 . . .D1 D0 NP 2 ×(8 bits + ack/not-ack) ADC Power-Down Mode (Depends on Power-Down Selection Bits) HS Mode Enabled Return to F/S Mode (see Note A) SCLH is stretched LOW for waiting the data converted A = acknowledge (SDA Low) N = not-acknowledge (SDA High) S = START Condition P = STOP Condition Sr = repeated START Condition |