| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD3SS460 bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
HD3SS460 bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 34 page ![]() ESD Components Place in pass through manner with no stub CTX1N CTX1P CRX1N CRX1P CRX2P CRX2N CTX2N CTX2P USB2_N0 USB2_P0 CC2 CC1 CSBU1 CSBU2 U12 TPD6E05U06 NC2 2 NC1 1 NC3 3 NC4 4 GND 5 GND 10 D2- 11 D2+ 12 D1- 13 D1+ 14 NC5 6 NC6 7 D3- 8 D3+ 9 U8 TPD4E05U06 D1+ 1 D1- 2 GND 3 D2+ 4 D2- 5 NC6 6 NC7 7 GND 8 NC9 9 NC10 10 U9 TPD4E05U06 D1+ 1 D1- 2 GND 3 D2+ 4 D2- 5 NC6 6 NC7 7 GND 8 NC9 9 NC10 10 USB2_N0 USB2_P0 CSBU1 CSBU2 Copyright © 2016, Texas Instruments Incorporated TypeC Connector and Pin Mapping A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 VBUS ML2P ML2N ML1P ML1N ML3P ML3N ML0P ML0N ML1N ML1P ML2N ML2P ML0N ML0P ML3N ML3P GND A11 A12 SSRXP1 SSRXP2 SSRXN1 SSRXN1 B9 B8 B7 B6 B5 B4 B3 B2 B1 AUXP DN1 SBU2 GND VBUS B12 B11 B10 CC1 GND AUXP DP1 DN1 AUXN SBU1 VBUS SSTXP1 SSTXP2 SSTXN1 SSTXN2 SSRXP2 SSRXP1 SSRXN2 SSRXN1 AUXN DP1 SSTXP2 SSTXP1 SSTXN2 SSTXN1 GND VBUS CC2 Note: It is recommended to add isolation circuit if voltage is to be present on any of the I/Os while the HD3SS460 device is off. pull-down resistor between 1M-2M is recommended on SBU1 and SBU2. CC1 CC2 CRX1P CRX1N CTX1P CTX1N CRX2N CRX2P CTX2N CTX2P CSBU1 CSBU2 USB2_N0 USB2_P0 CSBU1 CSBU2 VBUS CC1 pg3 CC2 pg3 C8 10uF J2 USB_TypeC_Receptacle_ GND0 A1 SSTXP1 A2 SSTXN1 A3 VBUS1 A4 CC1 A5 DP1 A6 DN1 A7 SBU1 A8 VBUS2 A9 SSRXN2 A10 SSRXP2 A11 GND1 A12 GND2 B1 SSTXP2 B2 SSTXN2 B3 VBUS3 B4 CC2 B5 DP2 B6 DN2 B7 SBU2 B8 VBUS4 B9 SSRXN1 B10 SSRXP1 B11 GND3 B12 Shield1 g1 Shield2 g2 Shield3 g3 Shield4 g4 Shield5 g5 Shield6 g6 R158 2M R156 2M Copyright © 2016, Texas Instruments Incorporated 21 HD3SS460 www.ti.com SLLSEM7B – JANUARY 2015 – REVISED JUNE 2016 Product Folder Links: HD3SS460 Submit Documentation Feedback Copyright © 2015–2016, Texas Instruments Incorporated Figure 17. Schematic Implementations for DP Sink/ USB Device/HUB/Dock (1 of 3) Figure 18. Schematic Implementations for DP Sink/ USB Device/HUB/Dock (2 of 3) |