| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF4107BCP bảng dữ liệu(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4107BCP bảng dữ liệu(HTML) 15 Page - Analog Devices |
|
15 / 20 page ![]() ADF4107 Rev. 0 | Page 15 of 20 Initialization Latch Map P2 P1 0 0 8/9 0 1 16/17 1 0 32/33 1 1 64/65 PD2 PD1 MODE 0 X X 1 X0 10 1 11 1 CPI6 CPI5 CP14 CPI3 CPI2 CPI1 3k Ω 5.1k Ω 11k Ω 0 0 0 1.06 0.625 0.289 0 0 1 2.12 1.25 0.580 0 1 0 3.18 1.875 0.870 0 1 1 4.24 2.5 1.160 1 0 0 5.30 3.125 1.450 1 0 1 6.36 3.75 1.730 1 1 0 7.42 4.375 2.020 1 1 1 8.50 5.0 2.320 TC4 TC3 TC2 TC1 00 003 00 017 00 1011 00 1115 01 0019 01 0123 01 1027 01 1131 10 0035 10 0139 10 1043 10 1147 11 0051 11 0155 11 1059 11 1163 F4 0 1 1 M3 M2 M1 00 0 00 1 01 0 01 1 10 0 10 1 11 0 11 1 F3 0 1 F2 0 1 F1 0 1 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 C2 (1) C1 (1) F1 PD1 M1 M2 M3 F3 P1 P2 CPI1 CPI2 CPI5 CPI6 TC4 PD2 F2 CPI3 CPI4 DB21 TC3 TC2 TC1 DB22 DB23 F4 F5 THREE-STATE F5 X 0 1 NEGATIVE POSITIVE PRESCALER VALUE CURRENT SETTING 2 CURRENT SETTING 1 TIMER COUNTER CONTROL MUXOUT CONTROL CONTROL BITS PHASE DETECTOR POLARITY COUNTER OPERATION NORMAL R, A, B COUNTERS HELD IN RESET CHARGE PUMP OUTPUT NORMAL FASTLOCK DISABLED FASTLOCK MODE 1 FASTLOCK MODE 2 FASTLOCK MODE THREE-STATE OUTPUT DIGITAL LOCK DETECT (ACTIVE HIGH) N DIVIDER OUTPUT DVDD R DIVIDER OUTPUT N-CHANNEL OPEN-DRAIN LOCK DETECT SERIAL DATA OUTPUT DGND OUTPUT TIMEOUT (PFD CYCLES) ICP (mA) ASYNCHRONOUS POWER-DOWN NORMAL OPERATION ASYNCHRONOUS POWER-DOWN SYNCHRONOUS POWER-DOWN CE PIN PRESCALER VALUE Figure 26. Initialization Latch Map |