| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CY74FCT652ATSOC bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CY74FCT652ATSOC bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 16 page ![]() CY74FCT652T 8-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS SCCS032B – SEPTEMBER 1994 – REVISED OCTOBER 2001 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ORDERING INFORMATION TA PACKAGE† SPEED (ns) ORDERABLE PART NUMBER TOP-SIDE MARKING QSOP – Q Tape and reel 5.4 CY74FCT652CTQCT FCT652C SOIC SO Tube 5.4 CY74FCT652CTSOC FCT652C SOIC – SO Tape and reel 5.4 CY74FCT652CTSOCT FCT652C –40 °C to 85°C QSOP – Q Tape and reel 6.3 CY74FCT652ATQCT FCT652A SOIC SO Tube 6.3 CY74FCT652ATSOC FCT652A SOIC – SO Tape and reel 6.3 CY74FCT652ATSOCT FCT652A QSOP – Q Tape and reel 9 CY74FCT652TQCT FCT652 † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. FUNCTION TABLE INPUTS DATA I/O OPERATION OR GAB GBA CPAB CPBA SAB SBA A1–A8 B1–B8 FUNCTION L H H or L H or L X X Input Input Isolation L H ↑ ↑ X X Input Input Store A and B data X H ↑ H or L X X Input Unspecified§ Store A, hold B H H ↑ ↑ X‡ X Input Output Store A in both registers L X H or L ↑ X X Unspecified§ Input Hold A, store B L L ↑ ↑ XX‡ Output Input Store B in both registers L L X X X L Output Input Real-time B data to A bus L L X H or L X H Output Input Stored B data to A bus H H X X L X Input Output Real-time A data to B bus H H H or L X H X Input Output Stored A data to B bus H L H or L H or L H H Output Output Stored A data to B bus and Stored B data to A bus H = High logic level, L = Low logic level, X = Don’t care, ↑ = Low-to-high transition ‡ Select control = L: clocks can occur simultaneously. Select control = H: clocks must be staggered in order to load both registers. § The data output functions can be enabled or disabled by various signals at the GAB and GBA inputs. Data input functions always are enabled, i.e., data at the bus pins are stored on every low-to-high transition of the clock inputs. |